Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N50_1109 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N50_1109
Description  1.3A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50_1109 Datasheet(HTML) 2 Page - Unisonic Technologies

  1N50_1109 Datasheet HTML 1Page - Unisonic Technologies 1N50_1109 Datasheet HTML 2Page - Unisonic Technologies 1N50_1109 Datasheet HTML 3Page - Unisonic Technologies 1N50_1109 Datasheet HTML 4Page - Unisonic Technologies 1N50_1109 Datasheet HTML 5Page - Unisonic Technologies 1N50_1109 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-548.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
1.3 (Note 2)
A
Drain Current
Pulsed (Note 3)
IDM
5 (Note 2)
A
Avalanche Current (Note 3)
IAR
1.3
A
Single Pulsed (Note 4)
EAS
113
mJ
Avalanche Energy
Repetitive (Note 5)
EAR
2.6
mJ
Power Dissipation
40
W
Derate above 25°C
PD
0.32
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L = 120mH, IAS = 1.3A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C
5. ISD ≤ 1.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
3.13
°C/W


Similar Part No. - 1N50_1109

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5001 MICROSEMI-1N5001 Datasheet
88Kb / 2P
   Silicon Rectifiers
1N5001 MICROSEMI-1N5001 Datasheet
103Kb / 2P
   Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N5001 NJSEMI-1N5001 Datasheet
114Kb / 1P
   Silicon Rectifiers
1N5011 NJSEMI-1N5011 Datasheet
89Kb / 1P
   DIODE
logo
Central Semiconductor C...
1N5011A CENTRAL-1N5011A Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N50_1109

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com