Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16910CASA8+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16910CASA8+
Description  200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16910CASA8+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16910CASA8+ Datasheet HTML 6Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 7Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 8Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 9Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 10Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 11Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 12Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 13Page - Maxim Integrated Products MAX16910CASA8+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
200mA, Automotive, Ultra-Low
Quiescent Current, Linear Regulator
10 _____________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(VIN = VEN = +14V, CIN = 1µF, COUT = 4.7µF ceramic, TA = +25°C, unless otherwise noted.)
ENABLE STARTUP RESPONSE
MAX16910 toc21
5V
0A
VOUT
0V
VIN
3.3V
40Fs/div
ENABLE STARTUP RESPONSE
MAX16910 toc22
5V
0A
VOUT
IOUT
0V
0V
VEN
3.3V
175mA
40Fs/div
LOAD-DUMP TRANSIENT RESPONSE
MAX16910 toc23
14V
VIN
42V
100ms/div
VOUT
(AC-COUPLED)
100mV/div
PIN
NAME
FUNCTION
1
IN
Regulator Input. Bypass IN to GND with a 1FF (min) low-ESR ceramic capacitor.
2
ENABLE
Active-High Enable Input. Force ENABLE high (or connect to IN) to turn the regulator on. Pull
ENABLE low (or leave unconnected) to place the device in a low-power shutdown mode. ENABLE
is internally pulled down to GND through a 0.65FA current sink.
3
SET
Feedback Network Selector. Connect SET to GND when operating the MAX16910 in fixed output-
voltage mode (3.3V or 5V) using the internal feedback network. Connect SET to IN or any voltage
higher than 2.4V when an external feedback network (resistive divider) is used, operating the
MAX16910 in adjustable output-voltage mode.
4
RESET
Active-Low, Open-Drain Reset Output. RESET asserts low when OUT is below the reset threshold,
and remains low for the duration of the reset timeout period after the reset conditions end. RESET
also asserts low when ENABLE is low and during thermal shutdown.
5
TIMEOUT
Reset-Timeout-Period Adjust Input. Internal capacitance produces a 60Fs default delay when
TIMEOUT is left unconnected. Connect a capacitor from TIMEOUT to GND to set a longer timeout
period than default.
6
SETOV
Regulated Output-Voltage Selector. Connect SETOV to OUT for a 5V fixed output, or connect
SETOV to GND for a 3.3V fixed output. SETOV becomes the feedback path when using an exter-
nal resistive divider for an adjustable output.
7
GND
Ground
8
OUT
Regulator Output. Bypass OUT to GND with a minimum of 4.7FF. Use a low-ESR, ceramic capaci-
tor (X7R, X5R) for optimal performance. The SETOV input controls the output voltage when in fixed
+3.3V or fixed +5V output-voltage mode. Using an external resistive divider between OUT and
SETOV sets adjustable output voltage from +1.5V to +11V.
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a
low thermal-resistance path from the thermal junction to the PCB. Do not use EP as the only elec-
trical connection to GND.


Similar Part No. - MAX16910CASA8+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910CASA MAXIM-MAX16910CASA Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX16910CASAV MAXIM-MAX16910CASAV Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX16910CASA_/V++ MAXIM-MAX16910CASA_/V+ Datasheet
1Mb / 13P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
More results

Similar Description - MAX16910CASA8+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910 Datasheet
1Mb / 13P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
MAX16910 MAXIM-MAX16910_11 Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX25210 MAXIM-MAX25210 Datasheet
441Kb / 17P
   Automotive Ultra Low Quiescent Current Linear Regulator Family
2021
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com