Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD252 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # ILD252
Description  BIDIRECTIONAL INPUT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD252 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILD252 Datasheet HTML 1Page - Siemens Semiconductor Group ILD252 Datasheet HTML 2Page - Siemens Semiconductor Group ILD252 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Selected Current Transfer Ratios
20%, 50%, 100% Minimum
• AC or Polarity Insensitive Input
• Built-in Reverse Polarity Input
Protection
• Improved CTR Symmetry
• Industry Standard DIP Package
• Underwriters Lab File #E52744
VDE 0884 Available with Option 1
Maximum Ratings (Per Channel)
Emitter
Continuous Forward Current .........................60 mA
Power Dissipation at 25
°C..........................100 mW
Derate Linearly from 25
°C....................1.33 mW/°C
Detector
Collector-Emitter Breakdown Voltage.............. 30 V
Emitter-Base Breakdown Voltage ......................5 V
Collector-Base Breakdown Voltage .................70 V
Power Dissipation at 25
°C
Single Channel .......................................200 mW
Dual Channel ..........................................150 mW
Derate Linearly from 25
°C
Single Channel ...................................2.6 mW/
°C
Dual Channel ......................................2.0 mW/
°C
Package
Isolation Test Voltage (between
emitter and detector referred to
standard climate 23
°C/50%RH,
DIN 50014) .................................... 5300 VACRMS
Creepage ............................................... 7 mm min.
Clearance............................................... 7 mm min.
Isolation Resistance
VIO=500V, TA=25°C .................................. 10
12
VIO=500V, TA=100°C ................................ 10
11
Total Dissipation at 25
°C
Single Channel .......................................250 mW
Dual Channel ..........................................400 mW
Derate Linearly from 25
°C
Single Channel ...................................3.3 mW/
°C
Dual Channel ......................................5.3 mW/
°C
Storage Temperature ...................–55
°C to +150°C
Operating Temperature ...............–55
°C to +100°C
Lead Soldering Time at 260
°C .................... 10 sec.
V
DE
DESCRIPTION
The IL/ILD250/251/252 are bidirectional input optically coupled isolators
consisting of two Gallium Arsenide infrared LEDs coupled to a silicon NPN
phototransistor per channel.
The IL/ILD250 has a minimum CTR of 50%, the IL/ILD251 has a minimum
CTR of 20%, and the IL/ILD252 has a minimum CTR
of 100%.
The IL/IL250/1/2 are single channel optocouplers. The
ILD250/1/2 has two isolated channels in a single DIP package.
These optocouplers are ideal for applications requiring AC signal detection
and monitoring.
Dimensions in inches (mm)
.010 (.25) typ.
.114 (2.90)
.130 (3.30)
.130 (3.30)
.138 (3.50)
.031 (0.80)
.035 (0.90)
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.070 (1.78)
.080 (2.03)
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one
ID.
6
5
4
1
2
3
18° typ.
.300 (7.62)
.347 (8.82)
typ.
.008 (.20)
.012 (.31)
.130 (3.30)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.280 (7.11)
.330 (8.38)
.020 (.51)
.030 (.76)
.300 (7.62)
typ.
3° to 9°
.033 (.84) typ.
.016(.41)
.020(.51)
1
2
3
0.24 (6.30)
0.260
.388 (9.86)
.400 (10.16)
6
5
4
.048 (1.22)
.052 (1.32)
8
7
.014
(.35)
typ.
.035 (.89)
.040 (1.02)
.100 (2.54) typ.
1
2
3
4
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode/
Cathode
Cathode/
Anode
Anode/
Cathode
Cathode/
Anode
1
2
3
6
5
4
Base
Collector
Emitter
Anode/
Cathode
Cathode/
Anode
NC
Single Channel
Dual Channel
SINGLE CHANNEL
IL250/251/252
DUAL CHANNEL
ILD250/251/252
BIDIRECTIONAL INPUT
OPTOCOUPLER
This document was created with FrameMaker 4.0.4


Similar Part No. - ILD252

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD252 VISHAY-ILD252 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
ILD252 VISHAY-ILD252 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
ILD252 VISHAY-ILD252 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
ILD252-X009 VISHAY-ILD252-X009 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
ILD252-X017 VISHAY-ILD252-X017 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
More results

Similar Description - ILD252

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
   BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
   Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
   Optocoupler, Bidirectional Input Single-Transistor Output
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
logo
Broadcom Corporation.
ACSL-7210 BOARDCOM-ACSL-7210 Datasheet
537Kb / 10P
   Dual-Channel (Bidirectional) 25-MBd CMOS Buffered Input Digital Optocoupler
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com