Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15026BETD+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15026BETD+
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026BETD+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15026BETD+ Datasheet HTML 2Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 3Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 4Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 5Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 9Page - Maxim Integrated Products MAX15026BETD+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, TA = +25°C. The following TOCs are for MAX15026B/C/D, unless otherwise noted.) (See the circuit of Figure 5.)
LIM REFERENCE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
50
60
70
0
-40
85
SINK AND SOURCE CURRENT-LIMIT
THRESHOLDS vs. RESISTANCE (RILIM)
RESISTANCE (k
Ω)
60
50
40
30
20
10
-0.3
-0.2
-0.1
0
0.1
0.2
-0.4
070
SINK CURRENT-LIMIT
SOURCE CURRENT-LIMIT
LOAD TRANSIENT ON OUT
MAX15026 toc12
400
µs/div
AC-COUPLED
VOUT
200mV/div
IOUT
10A
1A
STARTUP AND DISABLE FROM EN
(RLOAD = 1.5
Ω)
MAX15026 toc13
4ms/div
VOUT
1V/div
VIN
5V/div
PGOOD
5V/div
STARTUP RISE TIME
(MAX15026B)
MAX15026 toc14
1ms/div
VIN
5V/div
VOUT
1V/div
POWER-DOWN FALL TIME
MAX15026 toc15
4ms/div
VIN
5V/div
VOUT
1V/div
STARTUP RISE TIME
(MAX15026C/D)
MAX15026 toc16
1ms/div
VIN
5V/div
VOUT
1V/div
0V OUTPUT
SOFT-START WITH 0.5V
PREBIAS AT NO LOAD (MAX15026C/D)
MAX15026 toc17
1ms/div
VIN
5V/div
VOUT
1V/div
0.5V OUTPUT PREBIAS
OUTPUT SHORT-CIRCUIT BEHAVIOR MONITOR
OUTPUT VOLTAGE AND CURRENT
MAX15026 toc18
4ms/div
500mV/div
0
VOUT
IOUT
20A/div
0


Similar Part No. - MAX15026BETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026BETD++ MAXIM-MAX15026BETD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
More results

Similar Description - MAX15026BETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com