Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14984 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14984
Description  Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14984 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14984 Datasheet HTML 1Page - Maxim Integrated Products MAX14984 Datasheet HTML 2Page - Maxim Integrated Products MAX14984 Datasheet HTML 3Page - Maxim Integrated Products MAX14984 Datasheet HTML 4Page - Maxim Integrated Products MAX14984 Datasheet HTML 5Page - Maxim Integrated Products MAX14984 Datasheet HTML 6Page - Maxim Integrated Products MAX14984 Datasheet HTML 7Page - Maxim Integrated Products MAX14984 Datasheet HTML 8Page - Maxim Integrated Products MAX14984 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX14984
Enhanced VGA Port Protector with Monitor
Detection and Dual USB Power Switches
Note 3: All units are production tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 4: tBLANK is the period between detecting an overcurrent condition and the fault output asserting.
Note 5: See the Pin Description section for the ESD status of each pin.
Note 6: Terminal tested vs. GND. Apply 1FF-bypass capacitors on VCC, USB1, USB2, and S5V.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5.0V Q 5%, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 5.0V and TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DDC SWITCHES (SDA0, SCL0, SDA1, SCL1)
SDA1/SCL1 Off-Leakage
Current
IOFF
VENV = VCC, VSDA1 = VSCL1 = 0V or 5.25V
-1
+1
F
A
SDA0/SCL0 Off-Leakage
Current
ILDDC
VCC = 0V, 3.3kI pullup to +3.3V on SDA0
and SCL0
10
F
A
On-Resistance
RONDDC
VIN = +0.8V, IIN = Q10mA
7
I
LOGIC INPUTS (H0, V0, ENV, ENU)
Input Logic-Low
VIL
0.8
V
Input Logic-High
VIH
2.0
V
Input Leakage Current
IL
VIN = 0V or 5.25V
-1
+1
F
A
Input Hysteresis (H0, V0)
VHYST
100
mV
PUSH-PULL LOGIC OUTPUTS (H1, V1)
Output Logic-Low
VOL
ISINK = 8mA, VCC = +4.75V
0.5
V
Output Logic-High
VOH
ISOURCE = 8mA, VCC = +4.75V
2.4
V
Rise/Fall Time
tR, tF
10% to 90%, RL = 2.2kI, CL = 10pF
2.1
ns
OPEN-DRAIN LOGIC OUTPUTS (F1, F2, MD)
Output Leakage Current
ILKG
Output not asserted, VIN = 5.25V
1
F
A
Output Logic-Low
VOL
ISINK = 1mA
0.3
V
RGB ANALOG SWITCHES (R0, G0, B0, R1, G1, B1)
Bandwidth
fMAX
RS = RL = 50I
1000
MHz
On-Loss
ILOSS
f = 50MHz, RS = RL = 50I, 0V P VIN P +0.7V,
Figure 2
0.4
dB
On-Resistance
RON
VIN = +0.7V, IIN = Q10mA
5
8
I
On-Resistance Matching
D
RON
0V P VIN P +0.7V, IIN = Q10mA, same device
1
I
On-Resistance Flatness
RFLAT(ON)
0V P VIN P +0.7V, IIN = Q10mA
0.25
1
I
On-Capacitance
CON
f = 1MHz, switches enabled
6
pF
Off-Capacitance
COFF
f = 1MHz, switches disabled
2
pF
PROTECTION SPECIFICATIONS
High-ESD Pins ESD
Protection
Human Body Model (Note 5)
Q
8
kV
All Other Pins ESD
Protection
Human Body Model (Note 6)
Q
2
kV
Thermal-Shutdown
Threshold
TSHDN
+155
N
C
Thermal-Shutdown
Hysteresis
TSHDN_
HYS
25
N
C


Similar Part No. - MAX14984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14980 MAXIM-MAX14980 Datasheet
889Kb / 12P
   Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
19-6647; Rev 0; 3/13
MAX14980ETO++ MAXIM-MAX14980ETO+ Datasheet
889Kb / 12P
   Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
19-6647; Rev 0; 3/13
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
   Test Equipment
Rev 1; 1/15
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
MAX14983EETJ++ MAXIM-MAX14983EETJ+ Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
More results

Similar Description - MAX14984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
   USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
   USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E_V01 Datasheet
150Kb / 8P
   VGA Port Protector
2010
MAX4895E MAXIM-MAX4895E Datasheet
138Kb / 8P
   VGA Port Protector
Rev 0; 4/09
MAX14895E MAXIM-MAX14895E Datasheet
1Mb / 11P
   Enhanced VGA Port Protector DDC Outputs have Internal Pullups
Rev 0; 3/11
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com