Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG58A5111P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG58A5111P
Description  Deluxe Power 5mm Round Pure Green LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG58A5111P Datasheet(HTML) 1 Page - OptoSupply International

  OSG58A5111P Datasheet HTML 1Page - OptoSupply International OSG58A5111P Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
D
De
ellu
ux
xe
e P
Po
ow
we
er
r 5
5m
mm
m R
Ro
ou
un
nd
d P
Pu
ur
re
e G
Gr
re
ee
en
n
L
LE
ED
D
OSG58A5111P
Features
Outline Dimension
High Luminous LEDs
5mm Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Automotive Dashboard Lighting
Traffic Signal Lamp
Back Lighting
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
5.0
2:Cathode
1:Anode
2.54
0.5+0.1
1.36
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
190
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
60°
30°
90°
0.5
0
60°
90°
0.5
30°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=50mA
520
525
530
nm
Luminous Intensity
Iv
IF=50mA
80000
100000
-
mcd
50% Power Angle
1/2
IF=50mA
-
15
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSG58A5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG58A5111P OPTOSUPPLY-OSG58A5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Pure Green LED
More results

Similar Description - OSG58A5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA5111P OPTOSUPPLY-OSG5DA5111P Datasheet
97Kb / 1P
   Deluxe Power 5mm Round Pure Green LED
OSG58A5111P OPTOSUPPLY-OSG58A5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Pure Green LED
OSW57L5111P OPTOSUPPLY-OSW57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Pure White LED
OSG5DA3111P OPTOSUPPLY-OSG5DA3111P Datasheet
97Kb / 1P
   Deluxe Power 3mm Round Pure Green LED
OSG38A5111P OPTOSUPPLY-OSG38A5111P_11 Datasheet
176Kb / 1P
   Deluxe Power 5mm Round Bluish Green LED
OSG38A5C31P OPTOSUPPLY-OSG38A5C31P Datasheet
105Kb / 1P
   Deluxe Power 5mm Round Bluish Green LED
OSG38A5111P OPTOSUPPLY-OSG38A5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Bluish Green LED
OSG3DA5111P OPTOSUPPLY-OSG3DA5111P Datasheet
97Kb / 1P
   Deluxe Power 5mm Round Bluish Green LED
OSG48A5111P OPTOSUPPLY-OSG48A5111P Datasheet
110Kb / 1P
   Deluxe Power 5mm Round Emerald Green LED
OSG5DA5111A OPTOSUPPLY-OSG5DA5111A_09 Datasheet
105Kb / 1P
   5mm Round Pure Green LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com