Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG5XME1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG5XME1C1E
Description  Xeon 1 Power Pure Green LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG5XME1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG5XME1C1E_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n 1
1 P
Po
ow
we
er
r P
Pu
ur
re
e G
Gr
re
ee
en
n L
LE
ED
D
OSG5XME1C1E
VER C.0
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Anode(+)
Cathode(-)
2.0
14.5
5.0
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
■Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=350mA
520
525
530
nm
Luminous Flux
Φ
v
IF=350mA
65
75
-
lm
50% Power Angle
1/2
IF=350mA
-
120
-
deg
400
350
300
250
0
50
100
150
200
025
50
75
125
100
RJ-A=60
/W
RJ-A=50
/W
RJ-A
=40
/W
RJ-A=30
/W
Ambient Temperature, TA ()
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 1 emitter series.
LED & Application Technologies


Similar Part No. - OSG5XME1C1E_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5XME1C1E OPTOSUPPLY-OSG5XME1C1E Datasheet
166Kb / 1P
   Xeon 1 Power Pure Green LED
More results

Similar Description - OSG5XME1C1E_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5XNE1E1E OPTOSUPPLY-OSG5XNE1E1E Datasheet
145Kb / 2P
   Xeon 1 Power Pure Green LED
OSG5XNE1E1E_VER.C.2 OPTOSUPPLY-OSG5XNE1E1E_VER.C.2 Datasheet
145Kb / 2P
   xeon 1 power pure green led
OSG5XME1C1E OPTOSUPPLY-OSG5XME1C1E Datasheet
166Kb / 1P
   Xeon 1 Power Pure Green LED
OSG5XAE1E1E OPTOSUPPLY-OSG5XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Pure Green LED
OSW4Z3E1E1S_VER.C.2 OPTOSUPPLY-OSW4Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
   xeon 1 power pure white led
OSW4XME1C1E OPTOSUPPLY-OSW4XME1C1E Datasheet
152Kb / 2P
   Xeon 1 Power Pure White LED
OSW4X3E1E1E_VER.C.2 OPTOSUPPLY-OSW4X3E1E1E_VER.C.2 Datasheet
142Kb / 2P
   xeon 1 power pure white led
OSW4XNE1E1E_VER.C.2 OPTOSUPPLY-OSW4XNE1E1E_VER.C.2 Datasheet
146Kb / 2P
   xeon 1 power pure white led
OSW4XNE1E1E OPTOSUPPLY-OSW4XNE1E1E Datasheet
146Kb / 2P
   Xeon 1 Power Pure Whiite LED
OSTCXBEAC1E_VER.A.4 OPTOSUPPLY-OSTCXBEAC1E_VER.A.4 Datasheet
166Kb / 2P
   xeon 1 power pure green & red &blue led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com