Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IL215A Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. IL215A
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL215A Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL215A Datasheet HTML 1Page - Siemens Semiconductor Group IL215A Datasheet HTML 2Page - Siemens Semiconductor Group IL215A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
IL215A/216A/217A
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTRce versus LED current
Figure 3. Collector-emitter current versus LED current
Figure 4. Normalized collector-base photocurrent
versus LED current
.1
1
10
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
If- Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 100
°C
.1110
100
0.0
0.5
1.0
1.5
Vce = 5 V
Vce = 0.4 V
IF - LED Curr ent - mA
Normalized to:
Vce = 10 V
IF = 10 mA
Ta = 25
°C
.1
1
10
100
0
50
100
150
Vce = 0.4 V
Vce = 10 V
IF - LED Current - mA
Ta = 25
°C
.1110
100
.1
1
10
100
IF - LED Current - mA
Normalized to:
Vcb = 9.3 V
IF = 1 mA
Ta = 25
°C
Figure 5. Collector-base photocurrent versus
LED current
Figure 6. Collector-emitter leakage current versus
temperature
Figure 7. Normalized saturated HFE versus base
current and temperature
Figure 8. Normalized non-saturated and saturated
CTRce versus LED current
.1
1
10
1 00
.1
1
10
100
1000
IF - LED Current - mA
Ta = 25
°C
Vcb = 9.3 V
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Collector emitter leakage current versus temperature
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
25
°C
50
°C
70
°C
Ib - Base Current -
µA
Normalized to:
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
Vce = 0.4 V
.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Vce = .4 V
Vce = 5 V
IF - LED Current - mA
Ta = 25
°C
Vce = 5 V
IF = 1 mA
Normalized to:


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn