Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL212AT Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL212AT
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL212AT Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL212AT Datasheet HTML 1Page - Siemens Semiconductor Group IL212AT Datasheet HTML 2Page - Siemens Semiconductor Group IL212AT Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
4–4
IL211AT/IL212AT/IL213AT
PHOTOTRANSISTOR
SMALL OUTLINE
SURFACE MOUNT OPTOCOUPLER
Package Dimensions in Inches (mm)
TOLERANCE:
±.005 (unless otherwise noted)
FEATURES
High Current Transfer Ratio
IL211AT—20% Minimum
IL212AT—50% Minimum
IL213AT—100% Minimum
Isolation Voltage, 2500 VAC
RMS
Electrical Specifications Similar to
Standard 6 Pin Coupler
Industry Standard SOIC-8 Surface
Mountable Package
Standard Lead Spacing, .05"
Available in Tape and Reel (suffix T)
(Conforms to EIA Standard RS481A)
Compatible with Dual Wave, Vapor Phase
and IR Reflow Soldering
Underwriters Lab File #E52744
(Code Letter P)
DESCRIPTION
The IL211AT/212AT/213AT are optically coupled
pairs with a Gallium Arsenide infrared LED and a
silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the device
while maintaining a high degree of electrical isolation
between input and output. The IL211AT//212AT/
213AT comes in a standard SOIC-8 small outline
package for surface mounting which makes it ideally
suited for high density applications with limited space.
In addition to eliminating through-holes requirements,
this package conforms to standards for surface
mounted devices.
A choice of 20, 50, and 100% minimum CTR at
IF=10 mA makes these optocouplers suitable for a
variety of different applications.
Maximum Ratings
Emitter
Peak Reverse Voltage ....................................... 6.0 V
Continuous Forward Current .......................... 60 mA
Power Dissipation at 25
°C ............................. 90 mW
Derate Linearly from 25
°C .......................1.2 mW/°C
Detector
Collector-Emitter Breakdown Voltage ................ 30 V
Emitter-Collector Breakdown Voltage .................. 7 V
Collector-Base Breakdown Voltage ................... 70 V
Power Dissipation ........................................ 150 mW
Derate Linearly from 25
°C .......................2.0 mW/°C
Package
Total Package Dissipation at 25
°C Ambient
(LED + Detector) ...................................... 280 mW
Derate Linearly from 25
°C .......................3.3 mW/°C
Storage Temperature ..................... –55
°C to +150°C
Operating Temperature ................. –55
°C to +100°C
Soldering Time at 260
°C ............................... 10 sec.
Characteristics (TA=25°C)
Symbol Min. Typ.
Max. Unit
Condition
Emitter
Forward Voltage
VF
1.3
1.5
V
IF=10 mA
Reverse Current
IR
0.1
100
µAV
R=6.0 V
Capacitance
CO
25
pF
VR=0
Detector
Breakdown Voltage
BVCEO
30
V
IC=10 µA
BVECO
7V
IE=10 µA
Collector-Emitter
VCE=10 V,
Dark Current
ICEOdark
550
nA
IF=0
Collector-Emitter
Capacitance
CCE
10
pF
VCE=0
Package
DC Current Transfer CTRDC
%IF=10 mA
VCE=5 V
IL211AT
20
50
IL212AT
50
80
IL213AT
100 130
Collector-Emitter
Saturation Voltage VCE sat
0.4
IF=10 mA,
IC=2.0 mA
Isolation Test
Voltage
VIO
2500
VACRMS
Capacitance,
Input to Output
CIO
0.5
pF
Resistance,
Input to Output
RIO
100
G
Switching Time
tON, tOFF
3.0
µsI
C=2 mA,
RE=100 Ω,
VCE=10 V
Specifications subject to change.
40
°
.240
(6.10)
.154
±.005
(3.91
±.13)
.050 (1.27)
typ.
.016 (.41)
.192
±.005
(4.88
±.13)
.004 (.10)
.008 (.20)
Lead
Coplanarity
±.0015 (.04)
max.
.015
±.002
(.38
±.05)
.008 (.20)
7
°
.058
±.005
(1.49
±.13)
.125
±.005
(3.18
±.13)
Pin One ID
.120
±.005
(3.05
±.13)
CL
.021 (.53)
5
° max.
R.010
(.25) max.
.020
±.004
(.15
±.10)
2 plcs.
1
2
3
4
Anode
Cathode
NC
NC
8
7
6
5
NC
Base
Collector
Emitter
10.95


Similar Part No. - IL212AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL212AT VISHAY-IL212AT Datasheet
132Kb / 6P
   Optocoupler, Phototransistor Output, With Base Connection in
Rev. 1.5, 26-Oct-04
IL212AT VISHAY-IL212AT Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.9, 21-Dec-10
IL212AT VISHAY-IL212AT Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
IL212AT VISHAY-IL212AT Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2023
More results

Similar Description - IL212AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
   DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
   DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com