Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5358B-B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD5358B-B
Description  AK5358B Evaluation Board Rev.0
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5358B-B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD5358B-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5358B-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
[AKD5358B-B]
<KM099502>
2010/01
- 3 -
(2) Master Mode
(2-1) A/D evaluation using DIT function of AK4114
PORT2 (DIT) is used. DIT generates audio bi-phase signal from received data and which is output through
optical connector (TOTX141). It is possible to connect AKM’s D/A converter evaluation boards on the
digital-amplifier, which equips DIR input. Nothing should be connected to PORT1 (DSP). The DIF1 of SW1
(MODE) should be set to “H”.
JP5
MCLK
Figure 4. Jumper setting, when using DIT function of AK4114
(2-2) Master clock is fed externally.
PORT1 (DSP) is used. MCLK is provided to the AK5358B through PORT1. JP5 (MCLK) should be open. The
DIF1 of SW1 (MODE) should be set to “H”.
JP5
MCLK
Figure 5. Jumper setting, when using PORT1(DSP)
Other jumper pins set up
1. JP1 (GND) : Analog ground and Digital ground
OPEN : Separated.
SHORT : Common. (The connector “DGND” can be open.) <Default>
2. JP2 (CKS1) : Setting of CKS1 pin for AK5358B
H
: Master mode
L
: Slave mode <Default>
3. JP3 (VA) : Select VA for AK5358B
VA
: 5V Supply from VA connector <Default>
REG
: 5V Supply from regulator. VA connector should be supplied +7
∼15V.
4. JP4 (VD) : Select VD for AK5358B
Select VD


Similar Part No. - AKD5358B-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5358B AKM-AKD5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results

Similar Description - AKD5358B-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com