Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4709-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4709-A
Description  AK4709 Evaluation Board Rev.2
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4709-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4709-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4709-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ASAHI KASEI
[AKD4709-A]
<KM103002>
2011/06
GENERAL DESCRIPTION
AKD4709 is an evaluation board for quickly evaluating the AK4709, AV SCART switch. Evaluation
requires audio/video analog analyzers/generators and a power supply.
Ordering guide
AKD4709-A ---
AK4709 Evaluation Board
(Cable for connecting with printer port of IBM-AT,
compatible PC and control software are packed with this.)
FUNCTION
• RCA connectors for analog audio input/output
• XLR connectors for analog audio input
• RCA connectors for analog video input/output
• 10pin header for serial control interface
AK4709
AINL+
AINL
AINR
(AINR+-)
VD1
VD2
AGND
TVINL
TVINR
VCRINL
VCRINR
TVOUTL
TVOUTR
VCROUTL
VCROUTR
VCRFB
TVFB
TVSB
VCRSB
ENCB
ENCC
ENCG
ENCV
ENCY
ENCRC
TVVOUT
TVB
TVG
TVRC
VCRVOUT
TVVIN
VCRVIN
VCRB
VCRG
VCRRC
VCRC
VVD2
Buffer
10pin header
VVD1
Regulator
VVD
VP
+12V → +3.3V
VSS2
(AINL+-)
AINR+
Figure 1. AKD4709 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
AK4709 Evaluation Board Rev.2
AKD4709-A
- 1 -


Similar Part No. - AKD4709-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4709 AKM-AKD4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
More results

Similar Description - AKD4709-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com