Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4426-SA Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4426-SA
Description  AK4426 Evaluation Board Rev.2
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4426-SA Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4426-SA Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4426-SA Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
[AKD4426-SA]
Board Outline Chart
Outline Chart
LOUT
74LVC541A
Bottom
ROUT
J2
U3
J1
1
2
9
10
PORT 3
J3
S1
H
L
SW
2
SW
1
H
L
H
L
U1
AK4426
U2
AK4118
Bottom
1
2
9
10
PORT 1
+15V
T1
AVDD
VDD
GND
TORX
141
COAX
AK4118-PDN
SMUTE
PORT2
DSP
CTRL
μPC3533HF
Figure 2. AKD4426-SA Outline Chart
Comment
(1) LOUT, ROUT (BNC-JACK)
It is analog signal output Jack. The signal is output from LOUT/ROUT pins.
(2) COAX, PORT1, PORT2 (Digital signal connector)
COAX (BNC-JACK): Digital signal (SPDIF, Fs: 8∼192kHz) is input to the AK4118. (Default)
PORT1 (10 pin header): The clock and data can be input and output with this connector.
PORT2 (Optical Connecter): Optical digital signal (SPDIF, Fs: 32∼108kHz) is input to the AK4118.
(3) PORT3 (10 pin header)
Control port. Connect the bundled cable into this port.
(4) +15V, VDD, GND, AVDD
These are the power supply connectors. Connect power supply with these pins.
As for the detail comments, refer to the setup of power supply on the next page.
(5) SW1, SW2, S1 (Switch)
SW1: This switch is not used on the AKD4426-SA.
SW2: Reset of AK4118. Keep “H” during normal operation.
S1: Setting of audio serial interface format and frequency of MCKO that is output from AK4118.
<KM098502>
- 2 -
2010/02


Similar Part No. - AKD4426-SA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4426 AKM-AKD4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4426-SA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com