Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4392-SB Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4392-SB
Description  AK4392 Sound quality evaluation board Rev.0
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4392-SB Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4392-SB Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
[AKD4392-SB]
<KM099800>
2
2009/06
Operation sequence
1) Set up the power supply lines. (See “Other jumpers set-up”.)
Name
Color
Voltage
Comments
Attention
+15V
Red
+12
∼+15V
Regulator,
Power supply for Op-amp.
This jack is always needed. Power line
-15V
Blue
-12
∼-15V
Power supply for Op-amp.
This jack is always needed. Power line
AGND
Black
0V
GND
This jack is always needed.
Table 1. Set up of power supply lines
Each supply line should be distributed from the power supply unit.
2) Set-up the jumper pins
3) Set-up the DIP switches. (See the followings.)
4) Power on
The AK4392 should be reset once bringing SW3 (PDN) “L” upon power-up.


Similar Part No. - AKD4392-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4392 AKM-AKD4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
More results

Similar Description - AKD4392-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4399-SB AKM-AKD4399-SB Datasheet
409Kb / 31P
   AK4399 Sound quality evaluation board Rev.4
AKD4390-SA AKM-AKD4390-SA Datasheet
569Kb / 29P
   AK4390 Sound quality evaluation board Rev.2
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com