Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4201-C Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4201-C
Description  AK4201 Evaluation Board Rev.0
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4201-C Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4201-C Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4201-C Datasheet HTML 11Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
[AKD4201-C]
<KM097401>
2009/02
- 7 -
Crosstalk (load = 16Ω, Output Level = 2Vrms, AVDD=PVDD=5.0V)
FFT (load = 16Ω, Output power = 65mW, AVDD=PVDD=5.0V)
-150
+10
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-100
-40
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz


Similar Part No. - AKD4201-C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 17P
   Evaluation Board
More results

Similar Description - AKD4201-C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com