Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4128A-A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4128A-A
Description  AK4128A-A Evaluation Board Rev.0
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4128A-A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4128A-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4128A-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
[AKD4128A-A]
[KM104301]
2010/09
- 3 -
2) Set up the jumper pin of power supply unit.
(1).Setup the AVDD of AK4128A.
a).When using AVDD jack.
b).When using Regulator.
AVDD-S EL
JP1
AVDD
RE G
3
AVDD -SEL
JP1
AVDD
R EG
3
(2).Setup the DVDD of AK4128A.
a).When using DVDD jack.
b).When using Regulator.
DVDD-S EL
JP2
RE G
DVDD
3
DVDD -SEL
JP2
REG
DVD D
3
(3).Setup the D3.3V-1(AK4114 and Digital Logic).
a).When using D3.3V-1 jack. b).When using Regulator.
D3.3V-1 S EL
JP3
D3.3V-1
RE G
3
D3.3V-1 SEL
JP3
D3.3V-1
REG
3
(4). Setup the D3.3V-2(AK4114 and Digital Logic).
a).When using D3.3V-2 jack. b).When using Regulator.
D3.3V-2 SEL
JP4
RE G
D3.3V-2
3
D3.3V-2 SE L
JP 4
REG
D3.3V-2
3


Similar Part No. - AKD4128A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4128A AKM-AKD4128A Datasheet
764Kb / 50P
   8ch 216kHz / 24-Bit Asynchronous SRC
More results

Similar Description - AKD4128A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com