Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4114-B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4114-B
Description  AK4114 Evaluation Board Rev.0
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4114-B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4114-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4114-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
[AKD4114-B]
[KM076604]
2009/08
- 4 -
b-2. Set-up of input/output of BICK and LRCK
Please select SW 3_7 (DIR_I/O) according to the setup of audio format of AK4114 (Refer to Table 7).
Audio format
SW3_7 (DIR_I/O)
Slave mode
0
Default
Master mode
1
Table 6. Set-up of DIR_I/O
c. Set-up of Audio format
It sets up by SW 1_2, SW 1_3 and SW1_4 in parallel mode. Please set up DIF2-0 bit in serial mode.
DIF2 pin
(SW1_4)
DIF1 pin
(SW1_3)
DIF0 pin
(SW1_2)
LRCK
BICK
Mode
DIF2 bit
DIF1 bit
DIF0 bit
DAUX
SDTO
I/O
I/O
0
0
0
0
24bit, Left
justified
16bit, Right
justified
H/L
O
64fs
O
1
0
0
1
24bit, Left
justified
18bit, Right
justified
H/L
O
64fs
O
2
0
1
0
24bit, Left
justified
20bit, Right
justified
H/L
O
64fs
O
3
0
1
1
24bit, Left
justified
24bit, Right
justified
H/L
O
64fs
O
4
1
0
0
24bit, Left
justified
24bit, Left
justified
H/L
O
64fs
O
5
1
0
1
24bit, I2S
24bit, I2S
L/H
O
64fs
O
6
1
1
0
24bit, Left
justified
24bit, Left
justified
H/L
I
64-128fs
I
Default
7
1
1
1
24bit, I2S
24bit, I2S
L/H
I
64-128fs
I
Table 7. Audio format
d. Set-up of CM1 and CM0
The operation mode of PLL is selected by CM1 and CM0. In parallel mode, it can be selected by SW3_1 and
JP18. In serial mode, it can be selected by CM1-0 bits.
CM1 pin
(SW3_1)
CM0 pin (JP18)
CM1 bit
CM0 bit
(UNLOCK)
PLL
X'tal
Clock
source
SDTO
source
0
0 (CM0)
-
ON
ON(Note)
PLL(RX)
RX
Default
0
1 (CDTO/CM0=H)
-
OFF
ON
X'tal
DAUX
0
ON
ON
PLL(RX)
RX
1
0 (CM0)
1
ON
ON
X'tal
DAUX
1
1 (CDTO/CM0=H)
-
ON
ON
X'tal
DAUX
ON: Oscillation (Power-up), OFF: STOP (Power-Down)
Note: When the X’tal is not used as clock comparison for fs detection (XTL0, 1= “1,1”), the X’tal is OFF.
Table 8. Clock Operation Mode Select


Similar Part No. - AKD4114-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4114-B AKM-AKD4114-B Datasheet
752Kb / 23P
   AK4114 Evaluation Board Rev.0
More results

Similar Description - AKD4114-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4114-B AKM-AKD4114-B Datasheet
752Kb / 23P
   AK4114 Evaluation Board Rev.0
AKD4114 AKM-AKD4114 Datasheet
721Kb / 23P
   AK4114 Evaluation Board Rev.0
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com