Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8859VQ Datasheet(PDF) 18 Page - Asahi Kasei Microsystems

Part # AK8859VQ
Description  NTSC/PAL/SECAM Digital Video Decoder
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8859VQ Datasheet(HTML) 18 Page - Asahi Kasei Microsystems

Back Button AK8859VQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 15Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 16Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 17Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 18Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 19Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 20Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 21Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 22Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
[AK8859VQ]
MS1178-E-00
AKM Confidential
2010/04
- 18 -
[7.] Functional Description
[7.1.] Analog interface
The AK8859VQ accepts composite (CVBS) and S-Video (Y/C) signals, with 2 input pins available for this
purpose. The decode signal is selected via the register.
Input signal selection
Sub Address: 0x00 [1:0]
Name
Definition
Notes
AINSEL0
~
AINSEL1
[AINSEL1 : AINSEL0]
[00]: AIN1 (CVBS)
[01]: AIN2 (CVBS)
[10]: AIN1(Y) / AIN2(C) (S-Video)
[11]: No-signal input (Analog circuit is set to power-down*)
*Clamp and ADC block is power-downed.
In used with AINSEL[1:0]=[11], Ouput data is depend on NSIGMD[1:0]–bit. However, in used with
NSIGMD[1:0]=[10], DATA[7:0]-pin, HD-pin, VD_F-pin, VAR-pin and VARSUB-pin output Low.
[7.2.] Clock mode
The AK8859VQ input clock can be selected between internal built crystal and external clock input via
register setting. The input clock frequency is 24.576MHz.
Clock mode setting
Sub Address: 0x00 [7]
Name
Definition
Notes
CLKMD
[0]: For crystal
[1]: External clock input (clock generator)
[7.3.] Analog clamp circuit
The analog circuit of AK8859VQ clamps the input signal to the reference level. The way to clamp the input
signal is show as follows.
When decode composite (CVBS) video signal
Clamp timing is performs by sync tip clamp (analog sync tip clamp).
The clamp timing pulse, with its origin at the falling edge of the internally synchronized and separated
sync signal, is generated at approximately the central position of the sync signal.
When decode S-Video (Y/C) signal
(Y signal): Clamp timing is performs by sync tip clamp (analog sync tip clamp).
The clamp timing pulse, with its origin at the falling edge of the internally synchronized and
separated sync signal, is generated at approximately the central position of the sync signal.
(C signal): Clamp timing is performs by middle clamp (analog middle clamp).
The clamp timing pulse is generated exactly at the same timing of Y signal clamp pulse.


Similar Part No. - AK8859VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results

Similar Description - AK8859VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com