Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8853XQ Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK8853XQ
Description  NTSC/PAL/SECAM Digital Video Decoder
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8853XQ Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK8853XQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK8853XQ Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
[AK8853XQ/ VN]
Rev-E-00
11
2008/01
5. AC timing (DVDD=1.70V~2.00V, PVDD1=PVDD2=1.70V~3.60V, Recommended Operating Temp.)
Load condition: CL=15pF
5.1 Clock input
Set AK8853 clock input as follows.
fCLK
tCLKL
tCLKH
0.8DVDD
1/2 level
0.2DVDD
Parameter
Symbol
Min
Typ
Max
Units
Input CLK
fCLK
24.576
MHz
CLK pulse width H
tCLKH
16
ns
CLK pulse width L
tCLKL
16
ns
Frequency tolerance
±100
ppm
5.2 Clock output (DTCLK output)
Parameter
Symbol
Min
Typ
Max
Units
DTCLK
fDTCLK
27
MHz
fDTCLK
0.5PVDD1


Similar Part No. - AK8853XQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851VQ AKM-AK8851VQ Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
More results

Similar Description - AK8853XQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com