Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7756 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK7756
Description  DSP with Mono CODEC Mic/Lineout Amp
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7756 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK7756 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7756 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
[AK7756]
MS1218-E-00-PB
2010/08
9
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=0V; Note 5)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
AVDD
−0.3
4.3
V
Digital 1
DVDD
−0.3
4.3
V
Digital 2
DVDD18
−0.3
2.5
V
Difference(VSS1~VSS2)
ΔGND
-0.3
0.3
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 6)
VINA
−0.3
(AVDD+0.3) or 4.3
V
Digital Input Voltage (Note 7)
VIND1
−0.3
(DVDD+0.3) or 4.3
V
AK7756EN
Ta
−20
85
°C
Ambient Temperature (powered applied)
AK7756VF
Ta
−40
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 5. All voltages with respect to ground. VSS1 and VSS2 must be the same voltage.
Note 6. INP/AIN, INN pins
Note 7. IRSTN, I2CSEL, EXTEEP, SI/EEST, SDA/SO, SCL/SCLK, JX1, JX0, SDIN1, LRCK, and BICK pins
Note 8.Pull-up resistors at SDA and SCL pins must be connected to the DVDD voltage or less.
Do not turn off the power supplies when the SDA and SCL pins are pulled-up to DVDD.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=0V; Note 5)
Parameter
Symbol
min
typ
max
Units
Power Supplies
Analog
AVDD
3.0
3.3
3.6
V
(Note 9)
Digital
DVDD
3.0
3.3
3.6
V
Digital
DVDD18
1.7
1.8
1.9
V
Difference1
AVDD – DVDD
-0.3
0
+0.3
V
Note 5. All voltages with respect to ground. VSS1 and VSS2 must be the same voltage.
Note 9. The power-up sequence between AVDD, DVDD and DVDD18 is not critical. But all power supplies must be
ON before starting operation of the AK7756.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK7756

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7750VT AKM-AK7750VT Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7752VQ AKM-AK7752VQ Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
More results

Similar Description - AK7756

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com