Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7734 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK7734
Description  Audio DSP with 2-Channel ADC/SRC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7734 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK7734 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7734 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
[AK7734]
MS1033-E-02-PB
- 1 -
2010/01
GENERAL DESCRIPTION
The AK7734 is a highly integrated audio digital signal processor with integrated 2ch 24bit ADC and 2ch SRC.
It includes internal memories for digital audio processing, that allows surround effect process, time alignment
and parametric equalizing. More over, the AK7734 can process both data and filter coefficients as floating
point data so that high accuracy IIR/FIR filter performance can be achieved easily. The internal SRC has
various sampling rate converting modes, corresponds many sampling rates without changing the DSP
operating sampling frequency. The AK7734 can operate a hands-free software by AKM, as well as sound
processing, by programs downloaded via the microprocessor interface.
FEATURES
[DSP Block]
- Word length: 24bit (Coefficient RAM & Data RAM: F24 floating point)
- Processing Speed: 13.6 ns (1536step/fs; fs = 48kHz)
- Multiplication: 20 x 24 → 44-bit Double precision arithmetic available
- Divider 20 / 20 → 20bit
- ALU: 48bit arithmetic operation (overflow margin 4bit) 20bit floating point arithmetic
and logic operation
- Program RAM: 3072 x 24bit
- Coefficient RAM: 2048 x 24bit (F24 floating point)
- Data RAM: 2048 x 24-bit (F24 floating point)
- Offset Register: 64 x 13bit
- Delay RAM1: 3072 x 24-bit
- Delay RAM2: 2048 x 24-bit
- Sampling rate: fs= 7.35k ~ 48kHz
- Master Clock: 1536fs
(generated from 32fs, 48fs, 64fs, 128fs, 256fs, 384fs by internal PLL)
- Master/Slave Operation
[ADC Block]
- 64 times Over sampling
- 24bit 2ch
- Sampling rate: 7.35 ~ 48kHz
- S/(N+D): 83dB (fs = 48kHz)
- DR, S/N: 96dB (fs = 48kHz)
- Integrated DC offset canceling High Pass Filter
[SRC Block]
- 2ch x 1 system
- Support frequency: Fin = 7.35kHz ~ 96kHz → Fout = 7.35kHz ~ 48kHz
(FSO/FSI = 0.167~ 6.0)
[Digital Interface Input/Output]
- 8ch Serial Data Input
- 8ch Serial Data Output
Audio DSP with 2-Channel ADC/SRC
AK7734


Similar Part No. - AK7734

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735EQ AKM-AK7735EQ Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
More results

Similar Description - AK7734

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com