Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS6472V4200GU Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYS6472V4200GU
Description  3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS6472V4200GU Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYS6472V4200GU Datasheet HTML 6Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 7Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 8Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 9Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 10Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 11Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 12Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 13Page - Siemens Semiconductor Group HYS6472V4200GU Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HYS64(72)V4200/8220GU
SDRAM-Modules
Semiconductor Group
10
Notes:
1. These parameters depend on the cycle rate. These values are measured at 100 MHz for -8 and
-8B and at 66 MHz for -10 modules. Input signals are changed once during tck, excepts for ICC6
and for standby currents when tck=infinity. All values are shown per memory component.
2. These parameters are measured with continous data stream during read access and all DQ
toggling. CL=3 and BL=4 assumed and the VDDQ current is excluded.
3. All AC characteristics are shown for device level.
An initial pause of 100
µs is required after power-up, then a Precharge All Banks command must
be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can
begin.
4. AC timing tests have Vil = 0.4 V and Vih = 2.4 V with the timing referenced to the 1.4 V crossover
point. The transition time is measured between Vih and Vil. All AC measurements assume tT=1ns
with the AC output load circuit show. Specified tac and toh parameters are measured with a 50
pF only, without any resistive termination and with a input signal of 1V / ns edge rate between
0.8V and 2.0 V.
5. If clock rising time is longer than 1ns, a time (tT/2 -0.5) ns has to be added to this parameter.
6. Rated at 1.5 V
7. If tT is longen than 1 ns, a time (tT -1) ns has to be added to this parameter.
8. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh
commands must be given to “wake-up“ the device.
9. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after
CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied
once the Self Refresh Exit command is registered.
10.Referenced to the time which the output achieves the open circuit condition, not to output voltage
levels.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+ 1.4 V
50 Ohm
2.4 V
0.4 V
tT
fig.1
tCH
tCL
50 pF
I/O
Measurement conditions for
tac and toh


Similar Part No. - HYS6472V4200GU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results

Similar Description - HYS6472V4200GU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com