Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5358B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD5358B
Description  96kHz 24-Bit ?誇 ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5358B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD5358B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5358B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
[AK5358B]
MS1155-E-00
2010/02
- 5 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA=5.0, VD=5.0V; VSS1=VSS2=0V; fs=48kHz, 96kHz; SCLK=64fs; Signal Frequency=1kHz; 24bit Data;
Measurement frequency=20Hz
∼ 20kHz at fs=48kHz, 40Hz ∼ 40kHz at fs=96kHz; unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics:
Resolution
24
Bits
Input Voltage
(Note 4)
2.7
3.0
3.3
Vpp
−1dBFS
82
92
dB
fs=48kHz
BW=20kHz
−60dBFS
-
39
dB
−1dBFS
-
90
dB
S/(N+D)
fs=96kHz
BW=40kHz
−60dBFS
-
38
dB
DR
(
−60dBFS, A-weighted)
94
102
dB
S/N
(A-weighted)
94
102
dB
fs=48kHz
13
20
k
Ω
Input Resistance
fs=96kHz
9
14
k
Ω
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
100
-
ppm/
°C
Power Supply Rejection
(Note 5)
-
50
dB
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
VA
VD
(fs=48kHz)
(Note 6)
VD
(fs=96kHz)
(Note 7)
Power down mode (PDN pin = “L”)
(Note 8)
VA+VD
12
3
6
10
18
5
9
100
mA
mA
mA
μA
Note 4. This value is the full scale (0dB) of the input voltage. Input voltage is proportional to VA voltage.
Vin = 0.6 x VA (Vpp).
Note 5. PSR is applied to VA and VD with 1kHz, 50mVpp.
Note 6. VD=2mA@3V
Note 7. VD=4mA@3V
Note 8. All digital input pins and CKS1 pin are held VD or VSS2.


Similar Part No. - AKD5358B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5358B-B AKM-AKD5358B-B Datasheet
290Kb / 20P
   AK5358B Evaluation Board Rev.0
More results

Similar Description - AKD5358B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com