Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4950 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4950
Description  24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4950 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4950 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
[AK4950]
MS1320-E-00
2011/10
- 11 -
Parameter
min
typ
max
Unit
Power Supplies:
Power Up (PDN pin = “H”)
All Circuit Power-up (Note 18)
AVDD+TVDD
-
22.2
33
mA
MIC + ADC (Note 15)
AVDD+TVDD
-
5.5
-
mA
DAC + Lineout (Note 16)
AVDD+TVDD
-
5.2
-
mA
DAC + SPK-Amp
AVDD+TVDD
-
6
-
mA
Video Block (Note 22)
AVDD
-
12.7
19
mA
Power Down (PDN pin = “L”) (Note 17)
AVDD+TVDD
-
1
5
μA
Note 18. When PMADL=PMADR=PMDAC=PMPFIL =PMLO=PMSPK=PMPLL=MCKO=PMBP=PMMP=M/S=
PMV bits = “1”, SPK-amp No load, and black signal is only input to the VIN pin in PLL Master Mode
(MCKI=12MHz). In this case, the output current of the MPWR pin is 0mA. AVDD=20.7mA (typ),
TVDD=1.5mA (typ).
Note 19. When PMADL = PMADR bits= “1” and PMPFIL bit = “1” in EXT Slave Mode (PMPLL=M/S=MCKO bits
=“0”).
Note 20. When PMDAC = PMLO bits= “1” and PMPFIL bit = “1” in EXT Slave Mode (PMPLL=M/S=MCKO bits
=“0”).
Note 21. When PMDAC = PMSPK =SPPSN bits = “1”, PMPFIL bit = “1”, and No load at SPK-amp in EXT Slave Mode
(PMPLL=M/S=MCKO bits =“0”).
Note 22. When PMV=PMCP bits = “1”, No-load, and the black signal is only input to the VIN pin.
Note 23. All digital input pins are fixed to TVDD or VSS2.


Similar Part No. - AK4950

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4950

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com