Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4950 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4950
Description  24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4950 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4950 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4950 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
[AK4950]
MS1320-E-00
2011/10
- 3 -
Block Diagram
REGFILA
TVDD
BICK
LRCK
SDTO
SDTI
VSS2
PMPFIL
PLL
PMPLL
MCKO
MCKI
VOUT
PMV
Composite
Video Out
+6/9/12/16.5dB
LPF
VIN
PMDAC
Speaker
SPP
SPN
PMSPK
SPK-amp
Control
Register
CCLK/SCL
CDTIO/CAD0
CSN/SDA
I2C
MIC Power
Supply
MIC-Amp
A/D
HPF
PMADL
PMADR
PMMP
PMADL or PMADR
Internal
MIC
External
MIC
MPWR
LIN1
RIN1
LIN2
RIN2
AVDD
Charge
Pump
Line Out
LOUT
VSS4 PVEE
PDN
VCOM
Audio
I/F
VSS1
LDO: 2.3V
LDO: 1.8V
Analog Block
Digital Block
MIC Power, SPK-Amp, LINE/Video-out-Amp
VSS3
REGFILB
CLAMP
CLK
GEN
PMCP
3 Band EQ
ALC
LPF
HPF2
Stereo
Separation
1 Band EQ
D/A
DEM
Mono/
Stereo
DVOL
SMUTE
ROUT/MIN
PMBP
PMLO
MIC Sensitivity
Compensation
Figure 1. Block Diagram
Total: 32pin


Similar Part No. - AK4950

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4950

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com