Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4709 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4709
Description  Low Power AV SCART Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4709 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4709 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4709 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
[AK4709]
MS1319-
E-00
2011/07
- 7 -
No.
Pin Name
I/O
Function
34
AINRN
I
Rch Negative Analog Input Pin
35
AINRP
I
Rch Positive Analog Input Pin
36
AINLN
I
Lch Negative Analog Input Pin
37
AINLP
I
Lch Positive Analog Input Pin
38
VEE
O
Negative Voltage Output Pin
Connect to VSS2 with a 1.0
μF capacitor that should have the low ESR (Equivalent
Series Resistance) over all temperature range. When this capacitor has the polarity,
the positive polarity pin should be connected to the VSS2 pin. Non polarity capacitors
can also be used.
39
CN
I
Negative Charge Pump Capacitor Terminal Pin
Connect to CP with a 1.0
μF capacitor that should have the low ESR (Equivalent Series
Resistance) over all temperature range. When this capacitor has the polarity, the
positive polarity pin should be connected to the CP pin. Non polarity capacitors can
also be used.
40
CP
I
Positive Charge Pump Capacitor Terminal Pin
Connect to CN with a 1.0
μF capacitor that should have the low ESR (Equivalent Series
Resistance) over all temperature range. When this capacitor has the polarity, the
positive polarity pin should be connected to the CP pin. Non polarity capacitors can
also be used.
41
VSS2
-
Charge Pump Ground Pin , 0V
42
VD2
-
Charge Pump Power Supply Pin: 3.13V ~ 3.47V
Normally connected to VSS2 with a 0.1
μF ceramic capacitor in parallel with a 4.7μF
electrolytic cap.
43
INT
O
Interrupt Pin for Video Blanking
Normally connected to VVD1(3.3V) through 10k
Ω resistor externally.
44
SCL
I
I2C Control Data Clock Pin
45
SDA
I/O
I2C Control Data Pin
46
PDN
I
Power-Down Mode Pin
When at “L”, the AK4709 is in the power-down mode and is held in reset. The
AK4709 should always be reset upon power-up.
47
VCRVOUT
O
Composite/Luminance Output Pin for VCR
48
TVFB
O
Fast Blanking Output Pin for TV
Note: SCL, SDA, PDN pins should not be left floating.


Similar Part No. - AKD4709

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
More results

Similar Description - AKD4709

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4708 AKM-AK4708 Datasheet
521Kb / 46P
   AV SCART Switch with Two RGB Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com