Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AK4709 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part No. AK4709
Description  Low Power AV SCART Switch
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AK4709 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
[AK4709]
MS1319-
E-00
2011/07
- 5 -
Ordering Guide
AK4709EQ
-10
∼ +70°C
48pin LQFP (0.5mm pitch)
AKD4709
Evaluation board for AK4709
Pin Layout
37
SCL
36
38
VEE
39
CN
40
CP
41
VSS2
42
43
VD2
44
INT
45
SDA
46
PDN
47
35 34 33 32 31 30 29 28 27 26
1
2
3
4
5
6
7
8
9
10 11
23
22
21
20
19
18
17
16
15
14
13
VC RFB
VC RVIN
TVVIN
Top View
VC RVOUT
48
12
24
25
TVFB
AINL+
AK4709EQ
VCRG
VCRR C
VP
VCRB
TVSB
VC RSB
VSS1
EN CV
EN CY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn