Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AK4709 Datasheet(PDF) 32 Page - Asahi Kasei Microsystems

Part No. AK4709
Description  Low Power AV SCART Switch
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AK4709 Datasheet(HTML) 32 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
[AK4709]
MS1319-
E-00
2011/07
- 32 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
03H
Volume Control
0
VMONO
CAL
0
0
MOD
MDT1
MDT0
R/W
R/W
Default
0
0
1
0
0
1
1
1
MDT1-0: The time length control of volume transition time
00: typ. 5.3 ms
01: typ. 10.7 ms
10: typ. 21.3 ms
11: typ. 42.7 ms (default)
MOD: Soft transition enable for volume #1 control
0: Disable
The volume value changes immediately without soft transition.
1: Enable (default)
The volume value changes with soft transition.
This function is disabled when STBY bit = “1”.
CAL: Offset calibration Enable
0: Offset calibration disable.
1: Offset calibration enable (default)
VMONO: Mono select for VCROUTL/R pins
0: Stereo. (default)
1: Mono. (L+R)/2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn