Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64-72V2200GU-8 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # HYS64-72V2200GU-8
Description  3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS64-72V2200GU-8 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button HYS64-72V2200GU-8 Datasheet HTML 8Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 9Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 10Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 11Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 12Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 13Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 14Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 15Page - Siemens Semiconductor Group HYS64-72V2200GU-8 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HYS64(72)V2200/4220GU-8/-10
SDRAM-Modules
Semiconductor Group
12
SPD-Table (cont’d):
Byte#
Description
SPD Entry Value
Hex
2Mx64
-8
2Mx72
-8
4Mx64
-8
4Mx72
-8
29
Minimum RAS to CAS delay tRCD
20 ns
14
14
14
14
30
Minimum RAS pulse width tRAS
45 ns
2D
2D
2D
2D
31
Module Bank Density (per bank)
16 MByte
04
04
04
04
32
SDRAM input setup time
2 ns
20
20
20
20
33
SDRAM input hold time
1 ns
10
10
10
10
34
SDRAM data input setup time
2 ns
20
20
20
20
35
SDRAM data input hold time
1 ns
10
10
10
10
36-61 Superset information (may be used in
future)
FF
FF
FF
FF
62
SPD Revision
Revision 1.2
12
12
12
12
63
Checksum for bytes 0 - 62
C9
DB
CA
DC
64-
125
Manufacturers information (optional)
(FFh if not used)
XX
XX
XX
XX
126
Frequency Specification
100 MHz
64
64
64
64
127
Details of 100 MHz Support
AF
AF
FF
FF
128+ Unused storage locations
FF
FF
FF
FF


Similar Part No. - HYS64-72V2200GU-8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - HYS64-72V2200GU-8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com