Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4686 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4686
Description  Multi-channel CODEC with Capless Stereo Selector
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4686 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4686 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4686 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
[AK4686]
MS1243-E-01
2010/10
- 6 -
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=VSS3=VSS4 =0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
DVDD
AVDD1
AVDD2
CVDD
-0.3
-0.3
-0.3
-0.3
4.0
4.0
4.0
4.0
V
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Digital Input Voltage
(MCLK1-2, PDN, LRCK1-2, BICK1-2,
SDTI1-2, SDA, SCL, MS1, CAD0, MT1N and
MT2N pins
)
VIND
-0.3
DVDD+0.3
V
Analog Input Voltage
(LIN1-6, RIN1-6 pins)
VINA
-0.3
AVDD1+0.3
V
Ambient Operating Temperature
Ta
-20
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. VSS1, VSS2, VSS3 and VSS4 must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=VSS3=VSS4= 0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply (Note 2)
DVDD
AVDD1
AVDD2
CVDD
3.0
3.0
3.0
3.0
3.3
3.3
3.3
3.3
3.6
3.6
3.6
3.6
V
V
V
V
Note 2. The AVDD1, AVDD2 and CVDD must be the same voltage.
The voltage difference between DVDD and other voltages (AVDD1, AVDD2 and CVDD) must be less than 0.3V.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4686-B AKM-AKD4686-B Datasheet
2Mb / 55P
   AK4686 Evaluation Board Rev.0
More results

Similar Description - AKD4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4687 AKM-AK4687 Datasheet
491Kb / 36P
   Asynchronous Stereo CODEC with Capless Stereo Selector
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
logo
Dialog Semiconductor
DA9055 DIALOG-DA9055 Datasheet
769Kb / 3P
   2 Channel buck PMIC & Audio codec with capless
logo
List of Unclassifed Man...
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
   Stereo AC 97 Codec With Multi-Codec Option
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com