Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4649 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4649
Description  24bit Stereo CODEC with MIC/SPK-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4649 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4649 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4649 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
[AK4649]
MS1023-E-01
2010/08
- 9 -
Parameter
min
typ
max
Units
DAC Characteristics:
Resolution
-
-
24
Bits
Stereo Line Output Characteristics: DAC
→ LOUT, ROUT pins, ALC=OFF, DVOL=OVOL=DATT=0dB,
LOVL1-0 bit = “00”, RL=10kΩ
Output Voltage (Note 13)
LOVL1-0 bit = “00”
2.08
2.31
2.54
Vpp
LOVL1-0 bit = “01”
2.62
2.91
3.20
Vpp
S/(N+D)
(
−3dBFS)
77
87
-
dBFS
S/N
(A-weighted)
87
97
-
dB
Interchannel Isolation
85
100
-
dB
Interchannel Gain Mismatch
-
0
0.8
dB
Load Resistance
10
-
-
k
Ω
Load Capacitance
-
-
30
pF
Speaker-Amp Characteristics: DAC
→ SPP/SPN pins, ALC=OFF, DVOL=OVOL=DATT=0dB, RL=8Ω, BTL
Output Voltage (Note 14)
SPKG1-0 bits = “00”,
−0.5dBFS (Po=150mW)
-
3.18
-
Vpp
SPKG1-0 bits = “01”,
−0.5dBFS (Po=250mW)
3.20
4.00
4.80
Vpp
SPKG1-0 bits = “10”,
−0.5dBFS (Po=400mW)
-
1.79
-
Vrms
S/(N+D)
SPKG1-0 bits = “00”,
−0.5dBFS (Po=150mW)
-
60
-
dB
SPKG1-0 bits = “01”,
−0.5dBFS (Po=250mW)
20
50
-
dB
SPKG1-0 bits = “10”,
−0.5dBFS (Po=400mW)
-
20
-
dB
S/N (A-weighted)
88
98
-
dB
Load Resistance
8
-
-
Ω
Load Capacitance
-
-
30
pF
Note 13. Output voltage is proportional to AVDD voltage. Vout = 0.7 x AVDD (typ) @LOVL1-0 bit = “00”.
Note 14. Output voltage is proportional to AVDD voltage.
In case of Full-differential (DAC Input Level = 0dBFS), Vout = 1.02 x AVDD (typ) @SPKG1-0 bits = “00”,
1.28 x AVDD (typ) @SPKG1-0 bits = “01”, 1.62 x AVDD (typ ) @ SPKG1-0 bits = “10”.
The output level is calculated by assuming that output signal is no clipped. In the actual case, output signal may
be clipped when DAC outputs 0dBFS signal. Therefore, DAC output level should be set to lower level by setting
digital volume so that Speaker-Amp output level is not clipped.


Similar Part No. - AKD4649

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4640 AKM-AKD4640 Datasheet
266Kb / 29P
   AKD4640 EVALUATION BOARD
AKD4640 AKM-AKD4640 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AKD4641 AKM-AKD4641 Datasheet
461Kb / 51P
   16 BIT CODEC WITH BLUETOOTH INTERFACE
AKD4641EN AKM-AKD4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results

Similar Description - AKD4649

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com