Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4440 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4440
Description  192kHz 24-Bit 8ch DAC with 2Vrms Output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4440 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4440 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4440 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
[AK4440]
PIN/FUNCTION (Continued)
No.
Pin Name
I/O
Function
29
VSS2
-
Ground Pin
30
VDD
-
Charge Pump and DAC Digital Power Supply Pin: 4.5V
∼5.5V
Note: All input pins except for the P/S pin should not be left floating.
Handling of Unused Pin
The following tables illustrate recommended states for open pins:
Classification Pin Name
Setting
Analog
LOUT4-1, ROUT4-1
Leave open.
SDTI4-1
Connect to VSS2.
Digital
DEM0, TDM0B (Serial control mode)
Connect to VDD or VSS2.
TEST
Leave open.
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
AVDD
-0.3
-0.3
+6.0
+6.0
V
V
Input Current (any pins except supplies)
IIN
-
±10
mA
Input Voltage
VIND
-0.3
VDD+0.3
V
Ambient Operating Temperature
Ta
-20
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. VSS1 and VSS2 must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
AVDD
+4.5
+5.0
VDD
+5.5
V
Note 3. VDD and AVDD are the same voltage.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.
MS1088-E-01
2011/03
- 5 -


Similar Part No. - AKD4440

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4440-A AKM-AKD4440-A Datasheet
1Mb / 29P
   AK4440 Evaluation Board Rev.3
More results

Similar Description - AKD4440

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Asahi Kasei Microsystem...
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com