Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4430 Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # AK4430
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4430 Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AK4430 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4430 Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
[AK4430]
PACKAGE
0-10
°
Detail A
Seating Plane
0.10
0.17
±0.05
0.22
±0.1
0.65
*5.0
±0.1
1.1 (max)
A
1
8
9
16
16pin TSSOP (Unit: mm)
0.1
±0.1
NOTE: Dimension "*" does not include mold flash.
0.13
M
Package & Lead frame material
Package molding compound:
Epoxy, Halogen (bromine and chlorine) free
Lead frame material:
Cu
Lead frame surface treatment:
Solder (Pb free) plate
MS1196-E-01
2011/03
- 16 -


Similar Part No. - AK4430

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
More results

Similar Description - AK4430

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com