Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V1620GS-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYM72V1620GS-60
Description  16M x 72-Bit Dynamic RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V1620GS-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYM72V1620GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYM72V1620GS-60 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Semiconductor Group
8
HYM72V1620/30GS-50/-60
16M x 72-ECC Module
Output buffer turn-off delay from OE
t
OEZ
–18
20
ns
9,17
CAS delay time from Din
t
DZC
0–0–ns
18
Data to OE low delay
t
DZO
0–0–ns
18
CAS high to data delay
t
CDD
18
20
ns
9,19
OE high to data delay
t
ODD
18
20
ns
9,19
Write Cycle
Write command hold time
tWCH
13
15
ns
9
Write command pulse width
tWP
8–10
ns
Write command setup time
tWCS
2–2–ns
11,20
Write command to RAS lead time
tRWL
18
20
ns
9
Write command to CAS lead time
tCWL
13
15
ns
Data setup time
tDS
-2
-2
ns
10,21
Data hold time
tDH
15
15
ns
9,21
Read-Modify-Write Cycle
Read-write cycle time
tRWC
131
155
ns
9
RAS to WE delay time
t
RWD
70
82
ns
11,21
CAS to WE delay time
t
CWD
33
37
ns
11,21
Column address to WE delay time
t
AWD
45
52
ns
11,21
OE command hold time
t
OEH
11
13
ns
10
Fast Page Mode Cycle
Fast page mode cycle time
t
PC
35
40
ns
CAS precharge time
t
CP
10
10
ns
Access time from CAS precharge
tCPA
–35
40
ns
9,13
RAS pulse width
tRAS
50
200k
60
200k
ns
CAS precharge to RAS Delay
tRHCP
35
40
ns
9
AC Characteristics (cont’d) (note: 5,6,7,8)
T
A = 0 to 70 °C,VCC = 3.3 ± 0.3 V
Parameter
Symbol
-50
-60
Unit
Note
min.
max.
min.
max.


Similar Part No. - HYM72V1620GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1625GS-50 SIEMENS-HYM72V1625GS-50 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-60 SIEMENS-HYM72V1625GS-60 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM72V1620GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com