Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V1610GS-50 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # HYM72V1610GS-50
Description  16M x 72-Bit Dynamic RAM Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V1610GS-50 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  HYM72V1610GS-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Semiconductor Group
2
HYM72V1600/10GS-50/-60
16M x 72-ECC Module
The HYM 72V1600/10GS-50/-60 is a 128 MByte DRAM module organized as 16 777 216 words by
72-bit in a 168-pin, dual read-out, single-in-line package comprising eighteen HYB 3164400BT/BJ
16M
× 4 DRAMs in 500 mil wide TSOPII or SOJ- packages mounted together with eighteen 0.2 µF
ceramic decoupling capacitors on a PC board. All inputs except RAS and DQ are buffered by using
four BiCMOS 8-bit buffers/line drivers.
Each HYB 3164400BT/BJ
is described in the data sheet and is fully electrically tested and
processed according to Siemens standard quality procedure prior to module assembly. After
assembly onto the board, a further set of electrical tests is performed.
The density and speed of the module can be detected by the use of presence detect pins.
Ordering Information
Pin Names
Presence-Detect and ID-pin Truth Table:
Note: 1 = High Level ( Driver Output) , 0 = Low Level (Driver Output) for PDE active ( ground) . For PDE at a high
level all PD terminal are in tri-state.
Type
Ordering Code
Package
Descriptions
HYM 72V1600GS-50
L-DIM-168-7
3.3V 50ns DRAM module
HYM 72V1600GS-60
Q67100-Q2079
L-DIM-168-7
3.3V 60ns DRAM module
HYM 72V1610GS-50
L-DIM-168-7
3.3V 50ns DRAM module
HYM 72V1610GS-60
Q67100-Q2080
L-DIM-168-7
3.3V 60ns DRAM module
A0-A12,B0
Address Input
DQ0 - DQ71
Data Input/Output
RAS0, RAS2
Row Address Strobe
CAS0 , CAS2
Column Address Strobe
WE0, WE2
Read / Write Input
OE0, OE2
Output Enable
Vcc
Power (+3.3 Volt)
Vss
Ground
PD1 - PD8
Presence Detect Pins
PDE
Presence Detect Enable
ID0 , ID1
ID indentification bit
N.C.
No Connection
Module
ID0
ID1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
HYM 72V1600GS-50
Vss
Vss
1
1
110000
HYM 72V1600GS-60
Vss
Vss
1
1
110110


Similar Part No. - HYM72V1610GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1605GU-50 SIEMENS-HYM72V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM72V1605GU-60 SIEMENS-HYM72V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM72V1620GS-50 SIEMENS-HYM72V1620GS-50 Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-60 SIEMENS-HYM72V1620GS-60 Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V1610GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com