Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2363 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK2363
Description  Radio Signaling LSI
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2363 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK2363 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 11Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 12Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 13Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 14Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 15Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 16Page - Asahi Kasei Microsystems AK2363 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ASAHI KASEI
[AK2363]
MS0583-E-01
2008/06
- 13 -
3) MSK Modulator timing
Parameter
Symbol
Min.
Typ.
Max.
Unit
CSN rising to TCLK falling
MSKSL = 0
MSKSL = 1
T1
208
417
ms
TCLK period
MSKSL = 0
MSKSL = 1
T2
417
833
ms
TDATA set up time
TDATA hold time
TDATA hold time2
tS
tH
tH2
1
1
2
ms
Note Register setting is synchronized with the rising edge on the CSN pin.
When the data is maintained for 2
ms or longer specified by TDATA hold time2 (tH2), the signal from
MOD pin is ended in zero cross point.
4) MSK Demodulator timing
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RCLK period and FD pulse width
MSKSL = 0
MSKSL = 1
T
417
833
ms
CSN
SCLK
SDATA
(Input)
T1
1
TCLK
TDATA
0
1
T2
tS
tH
tH2
Mode 2,4,6
MSKTX=0
1
MOD
1200bit/s
MSKSL=”1”
1200Hz
1800Hz
MOD
MSKSL=”0”
2400bit/s
1200Hz
2400Hz


Similar Part No. - AK2363

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2361 AKM-AK2361 Datasheet
713Kb / 24P
   AK2361
AK2361E AKM-AK2361E Datasheet
734Kb / 25P
   Base-band LSI for European Cordless Telephones (CT1, CT1)
AK2364 AKM-AK2364 Datasheet
495Kb / 26P
   Two-way Radio Filterless FM Detector LSI
More results

Similar Description - AK2363

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Asahi Kasei Microsystem...
AK2364 AKM-AK2364 Datasheet
495Kb / 26P
   Two-way Radio Filterless FM Detector LSI
logo
Systemsensor advanced i...
SS12 SYSTEMSENSOR-SS12 Datasheet
155Kb / 4P
   Signaling Strobes
logo
List of Unclassifed Man...
MX803A ETC-MX803A Datasheet
225Kb / 26P
   Audio Signaling Processor
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
logo
Systemsensor advanced i...
PS12 SYSTEMSENSOR-PS12 Datasheet
238Kb / 4P
   Signaling Strobe and Sounder
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
List of Unclassifed Man...
LH1263 ETC1-LH1263 Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Dialight Corporation
D164-B13-001 DIALIGHT-D164-B13-001 Datasheet
427Kb / 8P
   SafeSit짰 LED Signaling for Hazardous Locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com