Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXS-XHHKKMN2 Datasheet(PDF) 6 Page - Marktech Corporate

Part # CCCCC-DXS-XHHKKMN2
Description  Cree짰 5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXS-XHHKKMN2 Datasheet(HTML) 6 Page - Marktech Corporate

Back Button CCCCC-DXS-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Green
C503B-GCS-CY0C0791
30
5860
32900
G7
520
G9
535
Bulk
Yes
Green
C503B-GCS-CY0Z0781
30
5860
12000
G7
520
G8
530
Bulk
Yes
Green
C503B-GCS-CZ0A0781
30
8200
16800
G7
520
G8
530
Bulk
Yes
Green
C503B-GCS-CY0Z0891
30
5860
12000
G8
525
G9
535
Bulk
Yes
Green
C503B-GCS-CZ0A0891
30
8200
16800
G8
525
G9
535
Bulk
Yes
Green
C503B-GCN-CY0C0791
30
5860
32900
G7
520
G9
535
Bulk
No
Green
C503B-GCN-CY0Z0781
30
5860
12000
G7
520
G8
530
Bulk
No
Green
C503B-GCN-CZ0A0781
30
8200
16800
G7
520
G8
530
Bulk
No
Green
C503B-GCN-CY0Z0891
30
5860
12000
G8
525
G9
535
Bulk
No
Green
C503B-GCN-CZ0A0891
30
8200
16800
G8
525
G9
535
Bulk
No
Green
C503B-GCS-CY0C0792
30
5860
32900
G7
520
G9
535
Ammo
Yes
Green
C503B-GCS-CY0Z0782
30
5860
12000
G7
520
G8
530
Ammo
Yes
Green
C503B-GCS-CZ0A0782
30
8200
16800
G7
520
G8
530
Ammo
Yes
Green
C503B-GCS-CY0Z0892
30
5860
12000
G8
525
G9
535
Ammo
Yes
Green
C503B-GCS-CZ0A0892
30
8200
16800
G8
525
G9
535
Ammo
Yes
Green
C503B-GCN-CY0C0792
30
5860
32900
G7
520
G9
535
Ammo
No
Green
C503B-GCN-CY0Z0782
30
5860
12000
G7
520
G8
530
Ammo
No
Green
C503B-GCN-CZ0A0782
30
8200
16800
G7
520
G8
530
Ammo
No
Green
C503B-GCN-CY0Z0892
30
5860
12000
G8
525
G9
535
Ammo
No
Green
C503B-GCN-CZ0A0892
30
8200
16800
G8
525
G9
535
Ammo
No
Notes:
• The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one in-
tensity-bin code and one color-bin code will be shipped on each bulk or ammo. Single intensity-bin codes and single
color-bin codes will not be orderable.
• Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
• Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Green (30 degrees)


Similar Part No. - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com