Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXW-XHHKKMN4 Datasheet(PDF) 5 Page - Marktech Corporate

Part # CCCCC-DXW-XHHKKMN4
Description  Cree짰 P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXW-XHHKKMN4 Datasheet(HTML) 5 Page - Marktech Corporate

  CCCCC-DXW-XHHKKMN4 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXW-XHHKKMN4 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
60 degrees
Color
Kit Number
Viewing Angle
Luminous Flux (mlm)
Color Bin Code
Min.
Max.
Cool White
CP41B-WES-CK0P0154
60
3850
11000
W1,W2,W3,W4,W5
Cool White
CP41B-WES-CL0P0134
60
4400
11000
W1,W2,W3
Cool White
CP41B-WES-CM0P0134
60
5500
11000
W1,W2,W3
Cool White
CP41B-WES-CM0P0234
60
5500
11000
W2,W3
Cool White
CP41B-WES-CM0P0244
60
5500
11000
W2,W3,W4
Cool White
CP41B-WES-CN0P0134
60
6600
11000
W1,W2,W3
90 degrees
Color
Kit Number
Viewing Angle
Luminous Flux (mlm)
Color Bin Code
Min.
Max.
Cool White
CP41B-WGS-CK0P0154
90
3850
11000
W1,W2,W3,W4,W5
Cool White
CP41B-WGS-CL0P0134
90
4400
11000
W1,W2,W3
Cool White
CP41B-WGS-CM0P0134
90
5500
11000
W1,W2,W3
Cool White
CP41B-WGS-CM0P0234
90
5500
11000
W2,W3
Cool White
CP41B-WGS-CM0P0244
90
5500
11000
W2,W3,W4
Cool White
CP41B-WGS-CN0P0134
90
6600
11000
W1,W2,W3
Notes:
The above kit numbers represent order codes that include multiple flux-bin and color-bin codes. Only one flux-bin
code and one color-bin code will be shipped on each tube. And single flux-bin code and single color-bin codes will
not be orderable.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CCCCC-DXW-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXW-XHHKKMN4 MARKTECH-CCCCC-DXW-XHHKKMN4 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXW-XHHKKMN4 MARKTECH-CCCCC-DXW-XHHKKMN4 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXW-XHHKKMN4 MARKTECH-CCCCC-DXW-XHHKKMN4 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXW-XHHKKMN4 MARKTECH-CCCCC-DXW-XHHKKMN4 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXW-XHHKKMN4 MARKTECH-CCCCC-DXW-XHHKKMN4 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXW-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com