Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM64V8005GU-60 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # HYM64V8005GU-60
Description  3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM64V8005GU-60 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  HYM64V8005GU-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM64V8005GU-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HYM 64(72)V8005/45GU-50/-60
8M x 64/72 DRAM Module
Semiconductor Group
4
Pin Configuration
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
1
VSS
43
VSS
85
VSS
127
VSS
2
DQ0
44
OE2
86
DQ32
128
DU
3
DQ1
45
RAS2
87
DQ33
129
NC
4
DQ2
46
CAS2
88
DQ34
130
CAS6
5
DQ3
47
CAS3
89
DQ35
131
CAS7
6
VCC
48
WE2
90
VCC
132
DU
7
DQ4
49
VCC
91
DQ36
133
VCC
8
DQ5
50
NC
92
DQ37
134
NC
9
DQ6
51
NC
93
DQ38
135
NC
10
DQ7
52
CB3
94
DQ39
136
CB6
11
DQ8
53
CB3
95
DQ40
137
CB7
12
VSS
54
VSS
96
VSS
138
VSS
13
DQ9
55
DQ16
97
DQ41
139
DQ48
14
DQ10
56
DQ17
98
DQ42
140
DQ49
15
DQ11
57
DQ18
99
DQ43
141
DQ50
16
DQ12
58
DQ19
100
DQ44
142
DQ51
17
DQ13
59
VCC
101
DQ45
143
VCC
18
VCC
60
DQ20
102
VCC
144
DQ52
19
DQ14
61
NC
103
DQ46
145
NC
20
DQ15
62
DU
104
DQ47
146
DU
21
CB0
63
NC
105
CB4
147
NC
22
CB1
64
VSS
106
CB5
148
VSS
23
VSS
65
DQ21
107
VSS
149
DQ53
24
NC
66
DQ22
108
NC
150
DQ54
25
NC
67
DQ23
109
NC
151
DQ55
26
VCC
68
VSS
110
VCC
152
VSS
27
WE0
69
DQ24
111
DU
153
DQ56
28
CAS0
70
DQ25
112
CAS4
154
DQ57
29
CAS1
71
DQ26
113
CAS5
155
DQ58
30
RAS0
72
DQ27
114
NC
156
DQ59
31
OE0
73
VCC
115
DU
157
VCC
32
VSS
74
DQ28
116
VSS
158
DQ60
33
A0
75
DQ29
117
A1
159
DQ61
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
VSS
120
A7
162
VSS
37
A8
79
NC
121
A9
163
NC
38
A10
80
NC
122
A11
164
NC
39
A12
81
NC
123
NC
165
SA0
40
VCC
82
SDA
124
VCC
166
SA1
41
VCC
83
SCL
125
DU
167
SA2
42
DU
84
VCC
126
DU
168
VCC


Similar Part No. - HYM64V8005GU-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-50 SIEMENS-HYM64V1005GU-50 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-60 SIEMENS-HYM64V1005GU-60 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V1605GU-60 SIEMENS-HYM64V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM64V8005GU-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com