Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet(PDF) 10 Page - Marktech Corporate

Part # CCCCC-DXA-XHHJJKKLLMMNNT1
Description  Cree짰 PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet(HTML) 10 Page - Marktech Corporate

Back Button CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 10Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Reflow Soldering
TheCLV6A-FKBisratedasaMSL3product.
Therecommendedfloorlifeoutofbagis24hrs.
Thebestpracticessuggestionistousetheproductassoonaspossiblewhenremovedfromthebag.
Thetemperature(TopsurfaceofSMDLED)profileisasbelow:
Use only with CLV6A-FKB
Solderingpad:
Solder = Low Lead-Free
Average ramp-up rate = 4ºC/s max
Preheat temperature = 150ºC ~200ºC
Preheat time = 120s max
Ramp-down rate = 6ºC/s max
Peak temperature = 235ºC max
Time within 5ºC of actual Peak Temperature = 10s max
Duration above 217ºC is 45s max
Document No.: COTCO-05-0057
Rev. NO.:
13
6/9
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Use all SMD besides LP6-NPP1-01-N1
Solder = Sn63-Pb37
Solder = Lead-free
Average ramp-up rate =4ºC/s max.
Average ramp-up rate =4ºC/s max
Preheattemperature = 100ºC ~150ºC
Preheattemperature = 150ºC ~200ºC
Preheattime = 100s max.
Preheattime = 100s max.
Ramp-down rate =6ºC/s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 230ºC max.
Peaktemperature = 250ºC max.
Time within5ºC of actual Peak Temperature = 10s max.
Time within5ºC of actual Peak Temperature = 10s max.
Duration above 183ºC is 80s max.
Duration above 217ºC is 80s max.
Only use LP6-NPP1-01-N1
[13]
Solder = Low Lead-free
Average ramp-up rate =3ºC/s max.
Preheattemperature = 130ºC ~170ºC
Preheattime = 120s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 213ºC max.
Time within3ºC of actual Peak Temperature = 25s max.
Duration above 200ºC is 40s max.
Recommended solder pad designfor heat dissipation (2-pin SMD LED):
7.0
2.6
Recommended solder pad designfor heat dissipation (4-pin SMD LED)
8.2
2.7


Similar Part No. - CCCCC-DXA-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHJJKKLLMMNNT1 MARKTECH-CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet
527Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com