Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP41B-WGS-CM0P0244 Datasheet(PDF) 7 Page - Marktech Corporate

Part # CP41B-WGS-CM0P0244
Description  Cree짰 P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP41B-WGS-CM0P0244 Datasheet(HTML) 7 Page - Marktech Corporate

  CP41B-WGS-CM0P0244 Datasheet HTML 1Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 2Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 3Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 4Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 5Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 6Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 7Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 8Page - Marktech Corporate CP41B-WGS-CM0P0244 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LP377FWH1-90G
Rev. No.
01
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Indicators
- Illuminations
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
30
mA
Peak Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
132
mW
Operation Temperature
Topr
-40 ~ +95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec duty <=1/10
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 30mA
---
3.6
4.4
V
Reverse Current
IR
VR = 5V
---
---
100
µ
A
Luminous Intensity
IV
IF = 30mA
2130
3800
---
mcd
Luminous Flux
Φ
V
IF = 30mA
---
6500
---
mlm
x
IF = 30mA
---
0.283
---
---
Chromaticity
Coordinates
y
IF = 30mA
---
0.264
---
---
50% Power Angle
½H-H
IF = 30mA
---
90
---
deg
CP41B-WES:
CP41B-WGS:


Similar Part No. - CP41B-WGS-CM0P0244

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP41B-WGS-CM0P0244 CREE-CP41B-WGS-CM0P0244 Datasheet
651Kb / 9P
   P4 LED
More results

Similar Description - CP41B-WGS-CM0P0244

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com