Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXS-XHHKKMN2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # CCCCC-DXS-XHHKKMN2
Description  Cree짰 PLCC6 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXS-XHHKKMN2 Datasheet(HTML) 2 Page - Marktech Corporate

  CCCCC-DXS-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXS-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1141.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
3 x 50
mA
Peak Forward Current Note
I
FP
3 x 100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
3 x 250
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
3 x 300
°C/W
Junction/Solder Point
R
THJS
3 x 160
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Cool/Warm
V
F
I
F = 50 mA
V
4.0
5.0
Reverse Current
Cool/Warm
I
R
V
R = 5 V
μA
10
Luminous Flux
Cool/Warm
ΦV
I
F = 3 x 50 mA
mlm
9000
Luminous Intensity
Cool
I
V
I
F = 3 x 50 mA
mcd
3550
4000
Warm
I
V
I
F = 3 x 50 mA
mcd
2800
3800
Chromaticity
Coordinates
Cool
x
I
F = 3 x 50 mA
0.3100
Cool
y
I
F = 3 x 50 mA
0.3200
Warm
x
I
F = 3 x 50 mA
0.4260
Warm
y
I
F = 3 x 50 mA
0.4070
50% Power Angle
Cool/Warm
2θ½
I
F = 3 x 50 mA
deg
120


Similar Part No. - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com