Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet(PDF) 8 Page - Marktech Corporate

Part # CCCCC-DXS-XHHJJKKLLMMNN2
Description  Cree짰 PLCC6 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet(HTML) 8 Page - Marktech Corporate

  CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CLD-CT933.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:


Similar Part No. - CCCCC-DXS-XHHJJKKLLMMNN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CCCCC-DXS-XHHJJKKLLMMNN2 CREE-CCCCC-DXS-XHHJJKKLLMMNN2 Datasheet
526Kb / 9P
   Cree® PLCC6 3-in-1 SMD LED
2009
More results

Similar Description - CCCCC-DXS-XHHJJKKLLMMNN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com