Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXB-XHHKKMN2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # CCCCC-DXB-XHHKKMN2
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXB-XHHKKMN2 Datasheet(HTML) 2 Page - Marktech Corporate

  CCCCC-DXB-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Cool/Warm
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Note: Pulse width ≤0.1 msec, duty cycle ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Cool/Warm
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
Cool/Warm
I
R
V
R = 5 V
A
10
Luminous Flux
Cool
Φ
V
I
F = 20 mA
mlm
4000
Warm
Φ
V
I
F = 20 mA
mlm
3900
Luminous Intensity
Cool
I
V
I
F = 20 mA
mcd
1120
1600
Warm
I
V
I
F = 20 mA
mcd
900
1400
Chromaticity
Coordinates
Cool
x
I
F = 20 mA
0.3325
y
I
F = 20 mA
0.3411
Warm
x
I
F = 20 mA
0.4234
y
I
F = 20 mA
0.3990
50% Power Angle
Cool/Warm
2θ½
I
F = 20 mA
deg
120
Junction/Solder Point
Cool/Warm
R
THJS
I
F = 20 mA
°C/W
350


Similar Part No. - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com