Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXB-XHHKKMNT Datasheet(PDF) 6 Page - Marktech Corporate

Part # CCCCC-DXB-XHHKKMNT
Description  Cree짰 P4 LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXB-XHHKKMNT Datasheet(HTML) 6 Page - Marktech Corporate

  CCCCC-DXB-XHHKKMNT Datasheet HTML 1Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 2Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 3Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
CLD-CT1133.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - CCCCC-DXB-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXB-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com