Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHKKMNT Datasheet(PDF) 8 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMNT
Description  The CLN6A LED delivers superior value with common voltage, current, size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMNT Datasheet(HTML) 8 Page - Marktech Corporate

Back Button CCCCC-DXA-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 9Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 10Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 11Page - Marktech Corporate CCCCC-DXA-XHHKKMNT Datasheet HTML 12Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CLD-CT979.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
ESD Protection
Anode
Cathode
Heatsink
Internal Circuit
Heatsink
Anode
Anode
Cathode
Cathode


Similar Part No. - CCCCC-DXA-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMNT MARKTECH-CCCCC-DXA-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMNT MARKTECH-CCCCC-DXA-XHHKKMNT Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXA-XHHKKMNT MARKTECH-CCCCC-DXA-XHHKKMNT Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXA-XHHKKMNT MARKTECH-CCCCC-DXA-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMNT MARKTECH-CCCCC-DXA-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A_15 Datasheet
672Kb / 12P
   The CLN6A LED delivers superior value with common voltage, current, size
logo
Pepperl+Fuchs Inc.
KFD2-GS-1.2W PF-KFD2-GS-1.2W Datasheet
1Mb / 6P
   Current/Voltage Trip Value
logo
TEMEX
RXO7050S TEMEX-RXO7050S Datasheet
668Kb / 8P
   The RXO7050S performance clock oscillator delivers
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A Datasheet
672Kb / 12P
   CLN6A-WKW/MKW
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
TEMEX
RXO7050R TEMEX-RXO7050R Datasheet
628Kb / 7P
   The RXO7050R XO delivers high performance with low RMS phase jitter
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
TEMEX
RXO2520S TEMEX-RXO2520S Datasheet
529Kb / 7P
   The RXO2520S performance clock oscillator delivers high performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com