Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXG-XHHKKMN4 Datasheet(PDF) 3 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMN4
Description  Cree짰 5mm Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMN4 Datasheet(HTML) 3 Page - Marktech Corporate

  CCCCC-DXG-XHHKKMN4 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT935.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Color Bin Limit (I
F = 20 mA)
Cool White
Bin Code
Min.(mcd)
Max.(mcd)
Bb
20150
23500
Ca
23500
28200
Cb
28200
32900
Da
32900
39500
Db
39500
46100
Tolerance of measurement of luminous intensity is ±15%.
Bin
Code
Sub-
bin
x
y
W1
Wa
0.2545
0.2480
0.2633
0.2410
0.2545
0.2245
0.2450
0.2290
Wb
0.2633
0.2410
0.2720
0.2340
0.2640
0.2200
0.2545
0.2245
Wc
0.2545
0.2480
0.2640
0.2670
0.2720
0.2575
0.2633
0.2410
Wd
0.2633
0.2410
0.2720
0.2575
0.2800
0.2480
0.2720
0.2340
W2
We
0.2640
0.2670
0.2735
0.2860
0.2808
0.2740
0.2720
0.2575
Wf
0.2720
0.2575
0.2808
0.2740
0.2880
0.2620
0.2800
0.2480
Wg
0.2735
0.2860
0.2830
0.3050
0.2895
0.2905
0.2808
0.2740
Wh
0.2808
0.2740
0.2895
0.2905
0.2960
0.2760
0.2880
0.2620
Bin
Code
Sub-
bin
x
y
W3
Wj
0.2830
0.3050
0.2950
0.3210
0.2998
0.3028
0.2895
0.2905
Wk
0.2895
0.2905
0.2998
0.3028
0.3045
0.2865
0.2960
0.2760
Wm
0.2950
0.3210
0.3070
0.3370
0.3100
0.3150
0.2998
0.3028
Wn
0.2998
0.3028
0.3100
0.3150
0.3130
0.2970
0.3045
0.2865
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
VF Bin Limit (I
F = 20 mA)
Cool White
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
Tolerance of measurement of VF is ±0.05 V.
Tolerance of measurement of
the color coordinates is ±0.01.


Similar Part No. - CCCCC-DXG-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
   Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com