Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXN-XHHKKMN3 Datasheet(PDF) 6 Page - Marktech Corporate

Part # CCCCC-DXN-XHHKKMN3
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXN-XHHKKMN3 Datasheet(HTML) 6 Page - Marktech Corporate

  CCCCC-DXN-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CLD-CT1126.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.




























































































Similar Part No. - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com