Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV1A-FKB Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLV1A-FKB
Description  Cree짰 PLCC4 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV1A-FKB Datasheet(HTML) 1 Page - Marktech Corporate

  CLV1A-FKB Datasheet HTML 1Page - Marktech Corporate CLV1A-FKB Datasheet HTML 2Page - Marktech Corporate CLV1A-FKB Datasheet HTML 3Page - Marktech Corporate CLV1A-FKB Datasheet HTML 4Page - Marktech Corporate CLV1A-FKB Datasheet HTML 5Page - Marktech Corporate CLV1A-FKB Datasheet HTML 6Page - Marktech Corporate CLV1A-FKB Datasheet HTML 7Page - Marktech Corporate CLV1A-FKB Datasheet HTML 8Page - Marktech Corporate CLV1A-FKB Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 3.2 x 2.8
• Dominant Wavelength (nm):
Red (619-624)
Green (520-540)
Blue (460-480)
• Luminous Intensity (mcd)
Red (355-900)
Green (560-1400)
Blue (180-450)
• Lead-Free
• Viewing Angle: 120 degree
• RoHS Compliant
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement
Cree® PLCC4 3 in 1 SMD LED
CLV1A-FKB
Data Sheet
Cree PLCC full-color LEDs offer high-intensity light output and a wide
viewing angle in an industry-standard package. Designed to work in a wide
array of environmental conditions, Cree PLCC full-color LEDs are suited for
indoor video screen, decorative lighting and amusement applications.


Similar Part No. - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A-FKB-CH1K1E1BB7R3S3 CREE-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A-FKB-CH1K1E1BB7R4S3 CREE-CLV1A-FKB-CH1K1E1BB7R4S3 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A-FKB-CHMKPEHBB7A363 CREE-CLV1A-FKB-CHMKPEHBB7A363 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A-FKB-CHMKPEHBB7A463 CREE-CLV1A-FKB-CHMKPEHBB7A463 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
More results

Similar Description - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLPPA-FKB CREE-CLPPA-FKB Datasheet
789Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com