Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3A-WKW-CWaXa453 Datasheet(PDF) 7 Page - Marktech Corporate

Part # CLM3A-WKW-CWaXa453
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM3A-WKW-CWaXa453 Datasheet(HTML) 7 Page - Marktech Corporate

Back Button CLM3A-WKW-CWaXa453 Datasheet HTML 2Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 3Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 4Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 5Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 6Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 7Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 8Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 9Page - Marktech Corporate CLM3A-WKW-CWaXa453 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
WL(nm)
80%
20%
40%
60%
0%
100%
600
400
500
450
550
650
700
(RELATIVE LUMINOUS INTENSITY)
750
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
-10
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
IF(mA)
0
30
10
20
50
40
40
20
80
60
100
0
Ta( C)
FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 120
Angle
FIG.6 FAR FIELD PATTERN
IF(mA)
VF(V)
IF (mA)
0.0
1.0
4.0
2.0
3.0
5.0
20
0
10
40
30
50
3.6
2.8
3.2
3.0
3.4
3.8
10.0
20.0
40.0
30.0
50.0
0.0
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
Rth j-a=450 C/W


Similar Part No. - CLM3A-WKW-CWaXa453

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3A-WKW-CWAXA453 CREE-CLM3A-WKW-CWAXA453 Datasheet
376Kb / 10P
   1-in-1 SMD LED
More results

Similar Description - CLM3A-WKW-CWaXa453

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com