Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1C-WKW-CWaWb453 Datasheet(PDF) 5 Page - Marktech Corporate

Part # CLM1C-WKW-CWaWb453
Description  Cree짰 PLCC2 White SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM1C-WKW-CWaWb453 Datasheet(HTML) 5 Page - Marktech Corporate

  CLM1C-WKW-CWaWb453 Datasheet HTML 1Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 2Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 3Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 4Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 5Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 6Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 7Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 8Page - Marktech Corporate CLM1C-WKW-CWaWb453 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT879.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool white
CLM1C-WKW-CVaWb153
120
710
1800
W1,W2,W3,W4,W5
Cool white
CLM1C-WKW-CVbWb233
120
900
1800
W2,W3
Cool white
CLM1C-WKW-CVbWb453
120
900
1800
W4,W5
Cool white
CLM1C-WKW-CWaWb233
120
1120
1800
W2,W3
Cool white
CLM1C-WKW-CWaWb453
120
1120
1800
W4,W5
Notes:
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one in-
tensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
codes will not be orderable.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.


Similar Part No. - CLM1C-WKW-CWaWb453

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1C-WKW-CWaWb453 CREE-CLM1C-WKW-CWaWb453 Datasheet
600Kb / 9P
   White SMD LED
More results

Similar Description - CLM1C-WKW-CWaWb453

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
   PLCC2 White SMD LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C Datasheet
600Kb / 9P
   PLCC2 White SMD LED
logo
Cree, Inc
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com